PART |
Description |
Maker |
MB90F244 |
F 2 MC-16F MB90F244
|
Fujitsu
|
831-002 |
GT Gas Tube Assemblies for MIL-DTL-38999 Series II, Glenair Series 79 and Series 80
|
Glenair, Inc.
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
MC14082BDR2G MC14011 MC14071BCP MC1408 MC14001BCPG |
B-Suffix Series CMOS Gates IEEE 802.3af PoE HIGH POWER PD CONTROLLER 8-SO PowerPAD -40 to 85 Triple 3-Input NOR Gate Quad 2-Input AND Gate Dual-Slot Cardbus Power-Interface Switches for Serial PCMCIA Controllers 24-HTSSOP -40 to 85 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, TRIPLE 3-INPUT AND GATE, PDIP14 B-Suffix Series CMOS Gates 后缀系列CMOS B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
UNR412Y UN4121 UN4122 UN4123 UN4124 UN412X UN412Y |
UNR412x Series (UN412x Series) Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
KC3225A5000C30E00 |
Clock Oscillators Surface Mount Type KC3225A-C3 Series (K25-3C Series)
|
Kyocera Kinseki Corpotation
|
MADR-008888-000100 MADR-008888-0001TB MADR-008888- |
PIN Diode Driver for Series / Series High Power Switch
|
M/A-COM Technology Solutions, Inc.
|
PAT0816 PAT1632-C-3DB-1 PAT1632-C-3DB-5 PAT1632-C- |
PAT series, RAT series, high-precision chip attenuators
|
http:// List of Unclassifed Manufacturers ETC
|
H8/3690 |
(H8/3690 Series) 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
|
Renesas Technology
|
HD74LVC1G97 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC1G Series
|
Renesas
|
HD74LVC2G53 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC2G Series
|
Renesas
|